PART |
Description |
Maker |
ADM6995L |
5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
RTL8308B |
REALTEK SINGLE CHIP 8-PORT 10/100 ETHERNET SWITCH CONTROLLER WITH EMBEDDED MEMORY
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
RTL8201 |
SINGLE CHIP SINGLE PORT 10/100MBPS FAST ETHERNET PHYCEIVER
|
REALTEK
|
RTL8201 RTL8201BL RTL8204 |
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL 瑞昱单片单端0/100M自适应快速以太网PHYCEIVER RTL8201BL Layout reference
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
DJIXE972MLCA4 DJIXF972MLCA4 DJLXT972MCEA4 DJLXT972 |
Single-Port 10/100 Mbps PHY Transceiver 单端0/100 Mbps的物理层收发
|
Intel Corp. Intel, Corp.
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
AHSF-1602S |
10/100 Base T Single Port Transformer
|
Allied Components International
|
AHTA-1609S |
10/100 Base T Single Port Transformer
|
Allied Components International
|
AHTA-1608S |
10/100 Base T Single Port Transformer
|
Allied Components International
|